Part Number Hot Search : 
11R0J 13374 KIA6278S ML6440CH SD01432G HIP8112A CEP9N25 1C101MDD
Product Description
Full Text Search
 

To Download KAT54CDW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Surface Mount Schottky Barrier Diode Arrays KAT54TW,ADW,CDW,SDW,BRW
(BAT54TW,ADW,CDW,SDW,BRW)
SOT-363
+0.1 1.3-0.1 0.65
Diodes
Unit: mm
Fast Switching Ultra-Small Surface Mount Package PN Junction Guard Ring for Transient and ESD Protection
+0.05 0.95-0.05
0.36
KAT54ADW
KAT54CDW
KAT54SDW
KAT54BRW
0.1max
+0.1 0.3-0.1 +0.1 2.1-0.1
+0.05 0.1-0.02
KAT54TW
Absolute Maximum Ratings Ta = 25
Parameter Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Forward Continuous Current * Repetitive Peak Forward Current * Forward Surge Current * @ t < 1.0s Power Dissipation* Thermal Resistance, Junction to Ambient Air* Operating and Storage Temperature Range Symbol VRRM VRWM VR IF IFRM IFSM Pd R
JA
Rating
Unit
30
V
200 300 600 200 625 -65 to +125
mA mA mA mW /W
Tj, TSTG
*. Device mounted on FR-4 PCB, 1 inch X 0.85 inch X 0.062 inch;
+0.1 1.25-0.1
+0.15 2.3-0.15
Low Forward Voltage Drop
0.525
Features
www.kexin.com.cn
1
SMD Type
KAT54TW,ADW,CDW,SDW,BRW
(BAT54TW,ADW,CDW,SDW,BRW)
Electrical Characteristics Ta = 25
Parameter Reverse Breakdown Voltage * Symbol V(BR)R IR=100 A Testconditons Min 30 Typ
Diodes
Max
Unit V
IF = 0.1mA IF = 1mA Maximum Forward Voltage * VFM IF =10mA IF = 30mA IF = 100mA Peak Reverse Current 8 Junction Capacitance Reverse Recovery Time IR Cj trr VR = 25V VR = 1.0V, f = 1.0MHz IF = 10mA through IR = 10mA to IR = 1.0mA, RL = 100
240 320 400 500 1000 2.0 10 5 A pF ns mV
* Short duration test pulse used to minimize self-heating effect.
Marking
NO. Marking KAT54ADW KL6 KAT54CDW KL7 KAT54SDW KL8 KAT54BRW KLB KAT54TW KLA
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KAT54CDW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X